| データシートサーチシステム |
|
STM8L151C3 データシート(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151C3 データシート(HTML) 37 Page - STMicroelectronics |
|
37 / 122 page ![]() DocID018780 Rev 9 37/122 STM8L151x2, STM8L151x3 Memory and register map 49 0x00 509D SYSCFG SYSCFG_RMPCR3 Remapping register 3 0x00 0x00 509E SYSCFG_RMPCR1 Remapping register 1 0x0C 0x2C(1) 0x00 509F SYSCFG_RMPCR2 Remapping register 2 0x00 0x00 50A0 ITC - EXTI EXTI_CR1 External interrupt control register 1 0x00 0x00 50A1 EXTI_CR2 External interrupt control register 2 0x00 0x00 50A2 EXTI_CR3 External interrupt control register 3 0x00 0x00 50A3 EXTI_SR1 External interrupt status register 1 0x00 0x00 50A4 EXTI_SR2 External interrupt status register 2 0x00 0x00 50A5 EXTI_CONF1 External interrupt port select register 1 0x00 0x00 50A6 WFE WFE_CR1 WFE control register 1 0x00 0x00 50A7 WFE_CR2 WFE control register 2 0x00 0x00 50A8 WFE_CR3 WFE control register 3 0x00 0x00 50A9 WFE_CR4 WFE control register 4 0x00 0x00 50AA ITC - EXTI EXTI_CR4 External interrupt control register 4 0x00 0x00 50AB EXTI_CONF2 External interrupt port select register 2 0x00 0x00 50A9 to 0x00 50AF Reserved area (7 byte) 0x00 50B0 RST RST_CR Reset control register 0x00 0x00 50B1 RST_SR Reset status register 0x01 0x00 50B2 PWR PWR_CSR1 Power control and status register 1 0x00 0x00 50B3 PWR_CSR2 Power control and status register 2 0x00 0x00 50B4 to 0x00 50BF Reserved area (12 byte) Table 8. General hardware register map (continued) Address Block Register label Register name Reset status |