データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8L151C3 データシート(PDF) 110 Page - STMicroelectronics

部品番号 STM8L151C3
部品情報  Reset and supply management
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C3 データシート(HTML) 110 Page - STMicroelectronics

Back Button STM8L151C3 Datasheet HTML 106Page - STMicroelectronics STM8L151C3 Datasheet HTML 107Page - STMicroelectronics STM8L151C3 Datasheet HTML 108Page - STMicroelectronics STM8L151C3 Datasheet HTML 109Page - STMicroelectronics STM8L151C3 Datasheet HTML 110Page - STMicroelectronics STM8L151C3 Datasheet HTML 111Page - STMicroelectronics STM8L151C3 Datasheet HTML 112Page - STMicroelectronics STM8L151C3 Datasheet HTML 113Page - STMicroelectronics STM8L151C3 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 122 page
background image
Package information
STM8L151x2, STM8L151x3
110/122
DocID018780 Rev 9
Figure 49. UFQFPN28 - 28-lead, 7x7 mm, 0.5 mm pitch, ultra thin fine pitch quad flat
package recommended footprint
1. Dimensions are expressed in millimeters.
1. Values in inches are converted from mm and rounded to 4 decimal digits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More