| データシートサーチシステム |
|
ST72561R4-Auto データシート(PDF) 99 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72561R4-Auto データシート(HTML) 99 Page - STMicroelectronics |
|
99 / 324 page ![]() ST72561-Auto PWM auto-reload timer (ART) Doc ID 12370 Rev 8 99/324 11.3 Register description Control/status register (ARTCSR) Read/Write Reset value: 0000 0000 (00h) Bit 7 = EXCL External Clock This bit is set and cleared by software. It selects the input clock for the 7-bit prescaler. 0: CPU clock. 1: External clock. Bit 6:4 = CC[2:0] Counter Clock Control These bits are set and cleared by software. They determine the prescaler division ratio from fINPUT. Bit 3 = TCE Timer Counter Enable This bit is set and cleared by software. It puts the timer in the lowest power consumption mode. 0: Counter stopped (prescaler and counter frozen). 1: Counter running. Bit 2 = FCRL Force Counter Re-Load This bit is write-only and any attempt to read it will yield a logical zero. When set, it causes the contents of ARTARR register to be loaded into the counter, and the content of the prescaler register to be cleared in order to initialize the timer before starting to count. Bit 1 = OIE Overflow Interrupt Enable This bit is set and cleared by software. It allows to enable/disable the interrupt which is generated when the OVF bit is set. 0: Overflow Interrupt disable. 1: Overflow Interrupt enable. 7 0 EXCL CC2 CC1 CC0 TCE FCRL OIE OVF Table 43. Counter clock control fCOUNTER With fINPUT=8 MHz CC2 CC1 CC0 fINPUT fINPUT / 2 fINPUT / 4 fINPUT / 8 fINPUT / 16 fINPUT / 32 fINPUT / 64 fINPUT / 128 8 MHz 4 MHz 2 MHz 1 MHz 500 kHz 250 kHz 125 kHz 62.5 kHz 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 |