| データシートサーチシステム |
|
ST72561R4-Auto データシート(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72561R4-Auto データシート(HTML) 26 Page - STMicroelectronics |
|
26 / 324 page ![]() Description ST72561-Auto 26/324 Doc ID 12370 Rev 8 20 - - PE2 / AIN14 I/O TT X X RB X X Port E2 ADC analog input 14 21 - - PE3 / AIN15 I/O TT X X RB X X Port E3 ADC analog input 15 22 13 10 PB5 / AIN1 / ICCDATA I/O CT Xei1 RB X X Port B5 ICC data input ADC analog input 1 23 14 11 PB6 / AIN2 / T16_OCMP1 I/O CT XX RB X X Port B6 TIM16 output compare 1 ADC analog input 2 24 15 - VSS_2 S Digital ground voltage 25 16 - VDD_2 S Digital main supply voltage 26 17 12 PB7 /AIN3 / T16_OCMP2 I/O CT XX RB X X Port B7 TIM16 output compare 2 ADC analog input 3 27 18 13 PC0 / AIN4 / T16_ICAP1 I/O CT XX RB X X Port C0 TIM16 input capture 1 ADC analog input 4 28 19 14 PC1 (HS) / T16_ICAP2 I/O CT HS X ei2 X X Port C1 TIM16 input capture 2 29 20 15 PC2 (HS) / T16_EXTCLK I/O CT HS X ei2 X X Port C2 TIM16 external clock input 30 21 - PE4 I/O TT XX X X Port E4 31 - - NC Not Connected 32 22 16 VPP I Flash programming voltage.Must be tied low in user mode 33 23 17 PC3 / CANRX I/O CT X X X X Port C3 CAN receive data input 34 24 18 PC4 / CANTX I/O CT XX(3) Port C4 CAN transmit data output 35 - - PE5 I/O TT XX X X Port E5 36 25 - PE6 / AIN5 I/O TT X X X X X Port E6 ADC analog input 5 37 26 19 PC5 /MISO I/O CT X X X X Port C5 SPI master in/slave out 38 27 20 PC6 / MOSI I/O CT X X X X Port C6 SPI master out/slave in 39 28 21 PC7 /SCK I/O CT X X X X Port C7 SPI serial clock 40 - - VSS_1 S Digital ground voltage 41 - - VDD_1 S Digital main supply voltage 42 29 22 PD0 / SS/ AIN6 I/O CT Xei3 X X X Port D0 SPI slave select ADC analog input 6 Table 3. Device pin description (continued) Pin n° Pin name Level Port Main function (after reset) Alternate function Input(1) Output |