| データシートサーチシステム |
|
ST72561AR4-Auto データシート(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72561AR4-Auto データシート(HTML) 22 Page - STMicroelectronics |
|
22 / 324 page ![]() Description ST72561-Auto 22/324 Doc ID 12370 Rev 8 1.1 Pin description Figure 2. LQFP 64-pin package pinout 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 17 18 19 20 21 22 23 24 29 30 31 32 25 26 27 28 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 PWM1 / (HS) PA2 PWM2 / PA3 PWM3 / PA4 VSS_3 VDD_3 ARTCLK / (HS)PA5 ARTIC2 / (HS) PA6 T8_OCMP2 / PA7 T8_ICAP2 / PB0 T8_OCMP1 / PB1 T8_ICAP1 / PB2 MCO / PB3 OSC1 OSC2 ARTIC1 / PA0 PWM0 / PA1 PF0 PE7 PD0 / SPI_SS / AIN6 VDD_1 VSS_1 PC7 / SPI_SCK PC6 / SPI_MOSI PC5 / SPI_MISO PE6 / AIN5 PE5 PC4 / CAN_TX PC3 / CAN_RX PD2 / LINSCI1_TDO PD1 / LINSCI1_RDI PF2 / AIN8 PF1 / AIN7 ei0 (HS) 20mA high sink capability eix associated external interrupt vector ei3 ei1 ei1 ei3 ei3 ei2 ei3 ei0 ei1 (*) : by option bit: T16_ICAP2 can be moved to PD1 T16_OCMP1 can be moved to PD3 T16_OCMP2 can be moved to PD5 T16_ICAP1 can be moved to PD4 |