データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST72561AR4-Auto データシート(PDF) 44 Page - STMicroelectronics

部品番号 ST72561AR4-Auto
部品情報  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561AR4-Auto データシート(HTML) 44 Page - STMicroelectronics

Back Button ST72561AR4-Auto Datasheet HTML 40Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 41Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 42Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 43Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 44Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 45Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 46Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 47Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 324 page
background image
Supply, reset and clock management
ST72561-Auto
44/324
Doc ID 12370 Rev 8
The reset vector fetch phase duration is two clock cycles.
Figure 12.
RESET sequence phases
5.5.2
Asynchronous external RESET pin
The RESET pin is both an input and an open-drain output with integrated RON weak pull-up
resistor. This pull-up has no fixed value but varies in accordance with the input voltage. It
can be pulled low by external circuitry to reset the device. See Chapter 20: Electrical
characteristics for more details.
A reset signal originating from an external source must have a duration of at least th(RSTL)in
in order to be recognized (see Figure 14). This detection is asynchronous and therefore the
MCU can enter reset state even in HALT mode.
Figure 13.
Reset block diagram
The RESET pin is an asynchronous signal which plays a major role in EMS performance. In
a noisy environment, it is recommended to follow the guidelines mentioned in the electrical
characteristics section.
5.5.3
External power-on reset
If the LVD is disabled by option byte, to start up the microcontroller correctly, the user must
ensure by means of an external reset circuit that the reset signal is held low until VDD is over
the minimum level specified for the selected fOSC frequency.
A proper reset signal for a slow rising VDD supply can generally be provided by an external
RC network connected to the RESET pin.
5.5.4
Internal low voltage detector (LVD) reset
Two different reset sequences caused by the internal LVD circuitry can be distinguished:
●
Power-on reset
●
Voltage drop reset
RESET
Active Phase
INTERNAL RESET
256 or 4096 CLOCK CYCLES
FETCH
VECTOR
RESET
RON
VDD
WATCHDOG RESET
LVD RESET
INTERNAL
RESET
PULSE
GENERATOR
Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More