| データシートサーチシステム |
|
ST72561AR6-Auto データシート(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72561AR6-Auto データシート(HTML) 37 Page - STMicroelectronics |
|
37 / 324 page ![]() ST72561-Auto Central processing unit Doc ID 12370 Rev 8 37/324 Figure 8. CPU registers 4.3.4 Condition code register (CC) Read/ write Reset value: 111x1xxx The 8-bit Condition Code register contains the interrupt masks and four flags representative of the result of the instruction just executed. This register can also be handled by the PUSH and POP instructions. These bits can be individually tested and/or controlled by specific instructions. Arithmetic management bits Bit 4 = H Half carry. This bit is set by hardware when a carry occurs between bits 3 and 4 of the ALU during an ADD or ADC instructions. It is reset by hardware during the same instructions. 0: No half carry has occurred. 1: A half carry has occurred. This bit is tested using the JRH or JRNH instruction. The H bit is useful in BCD arithmetic subroutines. Bit 2 = N Negative. This bit is set and cleared by hardware. It is representative of the result sign of the last arithmetic, logical or data manipulation. It’s a copy of the result 7th bit. 0: The result of the last operation is positive or null. 1: The result of the last operation is negative (that is, the most significant bit is a logic 1). ACCUMULATOR X INDEX REGISTER Y INDEX REGISTER STACK POINTER CONDITION CODE REGISTER PROGRAM COUNTER 70 1C 1I1 H I0 N Z RESET VALUE = RESET VECTOR @ FFFEh-FFFFh 70 70 70 0 7 15 8 PCH PCL 15 8 70 RESET VALUE = STACK HIGHER ADDRESS RESET VALUE = 1X 1 1 X1 XX RESET VALUE = XXh RESET VALUE = XXh RESET VALUE = XXh X = Undefined Value 7 0 11 I1 H I0 N Z C |