| データシートサーチシステム |
|
ST72561AR6-Auto データシート(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72561AR6-Auto データシート(HTML) 47 Page - STMicroelectronics |
|
47 / 324 page ![]() ST72561-Auto Supply, reset and clock management Doc ID 12370 Rev 8 47/324 If trv is greater than 256 or 4096 cycles then: ● If the AVD interrupt is enabled before the VIT+(AVD) threshold is reached, then two AVD interrupts will be received: The first when the AVDIE bit is set and the second when the threshold is reached. ● If the AVD interrupt is enabled after the VIT+(AVD) threshold is reached, then only one AVD interrupt occurs. Figure 16. Using the AVD to monitor VDD 5.6.3 Low power modes 5.6.4 Interrupts The AVD interrupt event generates an interrupt if the AVDIE bit is set and the interrupt mask in the CC register is reset (RIM instruction). VDD VIT+(AVD) VIT-(AVD) AVDF bit 0 0 RESET VALUE IF AVDIE bit = 1 Vhyst AVD INTERRUPT REQUEST INTERRUPT PROCESS INTERRUPT PROCESS VIT+(LVD) VIT-(LVD) LVD RESET Early Warning Interrupt (Power has dropped, MCU not not yet in reset) 1 1 trv VOLTAGE RISE TIME Table 9. Effect of low power modes on SI Mode Description WAIT No effect on SI. AVD interrupts cause the device to exit from Wait mode. HALT The SICSR register is frozen. Table 10. Interrupt control/wake-up capability Interrupt event Event flag Enable control bit Exit from wait Exit from halt AVD event AVDF AVDIE Yes No |