| データシートサーチシステム |
|
STM8L151x8 データシート(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151x8 データシート(HTML) 71 Page - STMicroelectronics |
|
71 / 146 page ![]() DocID17943 Rev 10 71/146 STM8L151x6/8 STM8L152x6/8 Electrical parameters 123 9.3.2 Embedded reset and power control block characteristics Table 19. Embedded reset and power control block characteristics Symbol Parameter Conditions Min. Typ. Max. Unit tVDD VDD rise time rate BOR detector enabled 0(1) - ∞(1) µs/V BOR detector disabled 0(1) - 1(1) ms/V VDD fall time rate BOR detector enabled 20(1) - ∞(1) µs/V BOR detector disabled Reset below voltage functional range tTEMP Reset release delay VDD rising BOR detector enabled -3 - ms VDD rising BOR detector disabled -1 - VPOR Power-on reset threshold Rising edge 1.3(2) 1.5 1.65 V VPDR Power-down reset threshold Falling edge 1.3(2) 1.5 1.65 VBOR0 Brown-out reset threshold 0 (BOR_TH[2:0]=000) Falling edge 1.67 1.7 1.74 Rising edge 1.69 1.75 1.80 VBOR1 Brown-out reset threshold 1 (BOR_TH[2:0]=001) Falling edge 1.87 1.93 1.97 Rising edge 1.96 2.04 2.07 VBOR2 Brown-out reset threshold 2 (BOR_TH[2:0]=010) Falling edge 2.22 2.3 2.35 Rising edge 2.31 2.41 2.44 VBOR3 Brown-out reset threshold 3 (BOR_TH[2:0]=011) Falling edge 2.45 2.55 2.60 Rising edge 2.54 2.66 2.7 VBOR4 Brown-out reset threshold 4 (BOR_TH[2:0]=100) Falling edge 2.68 2.80 2.85 Rising edge 2.78 2.90 2.95 |