| データシートサーチシステム |
|
STM8L151x8 データシート(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151x8 データシート(HTML) 37 Page - STMicroelectronics |
|
37 / 146 page ![]() DocID17943 Rev 10 37/146 STM8L151x6/8 STM8L152x6/8 Pin description 62 50 - - - PF1/ADC1_IN25/ DAC_OUT2/ [USART3_RX]/ [SPI1_MOSI] I/O - X XX HS X X Port F1 ADC1_IN25/ DAC channel 2 output/ [USART3 receive] [SPI1 master out- slave in] -40 - - PF1/ADC1_IN25/ DAC_OUT2/ [USART3_RX] I/O - X XX HS X X Port F1 ADC1_IN25/ DAC channel 2 output/ [USART3 receive] 51 - - - PF2/ADC1_IN26/ [SPI1_SCK]/ [USART3_SCK] I/O - X XX HS X X Port F2 ADC1_IN26 [SPI1 clock] [USART3 clock] 52 - - - PF3/ADC1_IN27/ [SPI1_NSS] I/O - X XX HS X X Port F3 ADC1_IN27 [SPI1 master/slave select] -41 - - PF4/LCD_SEG36/ [LCD _COM4](10) I/O FT(6) X XX HS X X Port F4 LCD segment 36/ [LCD_COM4](10) 53 - - - PF4/LCD_SEG40/ [LCD_COM4] I/O FT(6) X XX HS X X Port F4 LCD segment 40/ [LCD_COM4](10) -42 - - PF5/LCD_SEG37/ [LCD_COM5](10) I/O FT(6) X XX HS X X Port F5 LCD segment 37/ [LCD COM5](10) 54 - - - PF5/LCD_SEG41/ [LCD_COM5] I/O FT(6) X XX HS X X Port F5 LCD segment 41/ [LCD COM5](10) -43 - - PF6/LCD_SEG38 /[LCD_COM6](10) I/O FT(6) X XX HS X X Port F6 LCD segment 38/ [LCD COM6](10) 55 - - - PF6/LCD_SEG42/ [LCD_COM6] I/O FT(6) X XX HS X X Port F6 LCD segment 42/ [LCD COM6](10) -44 - - PF7/LCD_SEG39/ [LCD_COM7](10) I/O FT(6) X XX HS X X Port F7 LCD segment 39/ [LCD COM7](10) 56 - - - PF7/LCD_SEG43/ [LCD_COM7] I/O FT(6) X XX HS X X Port F7 LCD segment 43/ [LCD COM7](10) 22 18 13 H4 VLCD(8) S - - - - - - - LCD booster external capacitor 15 11 10 - VDD1 S - - - - - - - Digital power supply 14 10 - - VSS1 S - - - - - - - I/O ground 16 12 11 - VDDA S - - - - - - - Analog supply voltage Table 5. High-density and medium+ density STM8L15x pin description (continued) Pin number Pin name Input Output Default alternate function |