| データシートサーチシステム |
|
STM8TL52X4 データシート(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8TL52X4 データシート(HTML) 23 Page - STMicroelectronics |
|
23 / 84 page ![]() DocID022344 Rev 7 23/84 STM8TL52x4 STM8TL53x4 Pin description 25 8 5 8 VSS S ------- Digital ground -- 9 6 9 PXS_VREG S ------- - ProxSense voltage regulator External decoupling capacitor - 10 7 10 PA5/NRST(3) I/O TC - - - HS X X Reset Port A5 (output only) - 11 8 - PA6/ PXS_TRIG/ CLK_CCO I/O FT X X X HS X X Port A6 ProxSense external trigger input - - CLK clock output - 12 9 - PA7/PXS_RFIN I/O TC X X X HS X X Port A7 ProxSense antenna input - 13 10 11 PXS_RX0a - ------- PXS_RX0a ProxSense receiver 0a - 14 - - PXS_RX0b - ------- PXS_RX0b ProxSense receiver 0b - 15 11 12 PXS_RX1a - ------- PXS_RX1a ProxSense receiver 1a - 16 - - PXS_RX1b - ------- PXS_RX1b ProxSense receiver 1b - 17 12 13 PXS_RX2a - ------- PXS_RX2a ProxSense receiver 2a - 18 - - PXS_RX2b - ------- PXS_RX ProxSense receiver 2b - 19 13 - PXS_RX3a - ------- PXS_RX3a ProxSense receiver 3a - 20 - - PXS_RX3b - ------- PXS_RX3b ProxSense receiver 3b - 21 14 - PXS_RX4a - ------- PXS_RX4a ProxSense receiver 4a - 22 - - PXS_RX4b - ------- PXS_RX4b ProxSense receiver 4b - Table 4. STM8TL5xx4 pin description (continued) Pin no. Pin name Input Output Alternate function Default Remap |