| データシートサーチシステム |
|
STM8TL53x4 データシート(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8TL53x4 データシート(HTML) 24 Page - STMicroelectronics |
|
24 / 84 page ![]() Pin description STM8TL52x4 STM8TL53x4 24/84 DocID022344 Rev 7 23 15 - PXS_RX5a - ------- PXS_RX5a ProxSense receiver 5a - 24 - - PXS_RX5b - ------- PXS_RX5b ProxSense receiver 5b - 25 16 14 PXS_RX6a - ------- PXS_RX6a ProxSense receiver 6a - 26 - - PXS_RX6b - ------- PXS_RX6b ProxSense receiver 6b - 27 17 15 PXS_RX7a - ------- PXS_RX7a ProxSense receiver 7a - 28 - - PXS_RX7b - ------- PXS_RX7b ProxSense receiver 7b - 29 - - PXS_RX8a - ------- PXS_RX8a ProxSense receiver 8a - 30 - - PXS_RX8b - ------- PXS_RX8b ProxSense receiver 8b - 31 - - PXS_RX9a - ------- PXS_RX9a ProxSense receiver 9a - 32 - - PXS_RX9b - ------- PXS_RX9b ProxSense receiver 9b - 33 18 16 PD0/PXS_TX0 I/O TC X X X HS X X Port D0 ProxSense transmitter 0 - 34 19 17 PD1/PXS_TX1 I/O TC X X X HS X X Port D1 ProxSense transmitter 1 - 35 20 - PD2/PXS_TX2(4) I/O TC X X X HS X X Port D2 ProxSense transmitter 2(4) - 36 21 - PD3/PXS_TX3(4) I/O TC X X X HS X X Port D3 ProxSense transmitter 3(4) - 37 - - VSSIO S ------- IOs ground - - 38 - - VDDIO S ------- IOs power supply -- 39 22 18 PD4/PXS_TX4(4) / TIM2_CH1 I/O TC X X X HS X X Port D4 ProxSense transmitter 4(4) - Timer 2 - channel 1 - Table 4. STM8TL5xx4 pin description (continued) Pin no. Pin name Input Output Alternate function Default Remap |