| データシートサーチシステム |
|
STM32F070C6 データシート(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F070C6 データシート(HTML) 32 Page - STMicroelectronics |
|
32 / 83 page ![]() STM32F070CB/RB/C6/F6 32/83 DocID027114 Rev 3 Table 13. Alternate functions selected through GPIOC_AFR registers for port C Pin name AF0(1) AF1(1) PC0 EVENTOUT(1) - PC1 EVENTOUT(1) - PC2 EVENTOUT(1) SPI2_MISO(1) PC3 EVENTOUT(1) SPI2_MOSI(1) PC4 EVENTOUT(1) USART3_TX(1) 1. Available on STM32F070xB devices only. PC5 - USART3_RX(1) PC6 TIM3_CH1(1) - PC7 TIM3_CH2(1) - PC8 TIM3_CH3(1) - PC9 TIM3_CH4(1) - PC10 USART4_TX(1) USART3_TX(1) PC11 USART4_RX(1) USART3_RX(1) PC12 USART4_CK(1) USART3_CK(1) PC13 - - PC14 - - PC15 - - Table 14. Alternate functions selected through GPIOD_AFR registers for port D Pin name AF0(1) 1. Available on STM32F070xB devices only. AF1(1) PD2 TIM3_ETR(1) - Table 15. Alternate functions selected through GPIOF_AFR registers for port F Pin name AF0 AF1 PF0 - I2C1_SDA(1) 1. Available on STM32F070x6 devices only. PF1 - I2C1_SCL(1) |