| データシートサーチシステム |
|
STM32F078CB データシート(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F078CB データシート(HTML) 33 Page - STMicroelectronics |
|
33 / 120 page ![]() DocID026006 Rev 4 33/120 STM32F078CB, STM32F078RB, STM32F078VB Pinouts and pin descriptions 38 C1 7 2 2 D5 PC13 I/O TC (1) (2) - WKUP2, RTC_TAMP1, RTC_TS, RTC_OUT D1 8 3 3 C7 PC14-OSC32_IN (PC14) I/O TC (1) (2) - OSC32_IN E1 9 4 4 C6 PC15- OSC32_OUT (PC15) I/O TC (1) (2) - OSC32_OUT F2 10 - - - PF9 I/O FT - TIM15_CH1 - G2 11 - - - PF10 I/O FT - TIM15_CH2 - F1 12 5 5 D7 PF0-OSC_IN (PF0) I/O FT - CRS_ SYNC OSC_IN G1 13 6 6 D6 PF1-OSC_OUT (PF1) I/O FT - - OSC_OUT H2 14 7 7 E7 NRST I/O RST - Device reset input / internal reset output (active low) H1 15 8 - - PC0 I/O TTa - EVENTOUT ADC_IN10 J2 16 9 - - PC1 I/O TTa - EVENTOUT ADC_IN11 J3 17 10 - - PC2 I/O TTa - SPI2_MISO, I2S2_MCK, EVENTOUT ADC_IN12 K2 18 11 - - PC3 I/O TTa - SPI2_MOSI, I2S2_SD, EVENTOUT ADC_IN13 J1 19 - - - PF2 I/O FT - EVENTOUT WKUP8 K1 20 12 8 E6 VSSA S - - Analog ground M1 21 13 9 F7 VDDA S - - Analog power supply L1 22 - - - PF3 I/O FT - EVENTOUT L2 23 14 10 F6 PA0 I/O TTa - USART2_CTS, TIM2_CH1_ETR, TSC_G1_IO1, USART4_TX RTC_ TAMP2, WKUP1, COMP1_OUT, ADC_IN0, COMP1_INM6 Table 12. STM32F078CB/RB/VB pin definitions (continued) Pin numbers Pin name (function upon reset) Pin type Pin functions Alternate functions Additional functions |