| データシートサーチシステム |
|
STM32F078CB データシート(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F078CB データシート(HTML) 37 Page - STMicroelectronics |
|
37 / 120 page ![]() DocID026006 Rev 4 37/120 STM32F078CB, STM32F078RB, STM32F078VB Pinouts and pin descriptions 38 A12 71 45 33 C3 PA12 I/O FT (4) USART1_RTS, TIM1_ETR, COMP2_OUT, TSC_G4_IO4, EVENTOUT USB_DP A11 72 46 34 B3 PA13 I/O FT (4) (5) IR_OUT, SWDIO, USB_NOE - C11 73 - - - PF6 I/O FT (4) -- F11 74 47 35 B1 VSS S - - Ground G11 75 48 36 B2 VDDIO2 S - - Digital power supply A10 76 49 37 A1 PA14 I/O FT (4) (5) USART2_TX, SWCLK - A9 77 50 38 A2 PA15 I/O FT (4) SPI1_NSS, I2S1_WS, USART2_RX, USART4_RTS, TIM2_CH1_ETR, EVENTOUT - B11 78 51 - - PC10 I/O FT (4) USART3_TX, USART4_TX - C10 79 52 - - PC11 I/O FT (4) USART3_RX, USART4_RX - B10 80 53 - - PC12 I/O FT (4) USART3_CK, USART4_CK - C9 81 - - - PD0 I/O FT (4) SPI2_NSS, I2S2_WS - B9 82 - - - PD1 I/O FT (4) SPI2_SCK, I2S2_CK - C8 83 54 - - PD2 I/O FT (4) USART3_RTS, TIM3_ETR - B8 84 - - - PD3 I/O FT - SPI2_MISO, I2S2_MCK, USART2_CTS - B7 85 - - - PD4 I/O FT - SPI2_MOSI, I2S2_SD, USART2_RTS - A6 86 - - - PD5 I/O FT - USART2_TX - B6 87 - - - PD6 I/O FT - USART2_RX - A5 88 - - - PD7 I/O FT - USART2_CK - A8 89 55 39 A3 PB3 I/O FT - SPI1_SCK, I2S1_CK, TIM2_CH2, TSC_G5_IO1, EVENTOUT - Table 12. STM32F078CB/RB/VB pin definitions (continued) Pin numbers Pin name (function upon reset) Pin type Pin functions Alternate functions Additional functions |