データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F078RB データシート(PDF) 16 Page - STMicroelectronics

部品番号 STM32F078RB
部品情報  CRC calculation unit
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F078RB データシート(HTML) 16 Page - STMicroelectronics

Back Button STM32F078RB Datasheet HTML 12Page - STMicroelectronics STM32F078RB Datasheet HTML 13Page - STMicroelectronics STM32F078RB Datasheet HTML 14Page - STMicroelectronics STM32F078RB Datasheet HTML 15Page - STMicroelectronics STM32F078RB Datasheet HTML 16Page - STMicroelectronics STM32F078RB Datasheet HTML 17Page - STMicroelectronics STM32F078RB Datasheet HTML 18Page - STMicroelectronics STM32F078RB Datasheet HTML 19Page - STMicroelectronics STM32F078RB Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 120 page
background image
Functional overview
STM32F078CB, STM32F078RB, STM32F078VB
16/120
DocID026006 Rev 4
Figure 2. Clock tree
3.7
General-purpose inputs/outputs (GPIOs)
Each of the GPIO pins can be configured by software as output (push-pull or open-drain), as
input (with or without pull-up or pull-down) or as peripheral alternate function. Most of the
GPIO pins are shared with digital or analog alternate functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More