| データシートサーチシステム |
|
STM32F078RB データシート(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F078RB データシート(HTML) 35 Page - STMicroelectronics |
|
35 / 120 page ![]() DocID026006 Rev 4 35/120 STM32F078CB, STM32F078RB, STM32F078VB Pinouts and pin descriptions 38 M6 36 27 19 G4 PB1 I/O TTa - TIM3_CH4, USART3_RTS, TIM14_CH1, TIM1_CH3N, TSC_G3_IO3 ADC_IN9 L6 37 28 20 G3 NPOR I POR (3) Device power-on reset input (active low) M7 38 - - - PE7 I/O FT - TIM1_ETR - L7 39 - - - PE8 I/O FT - TIM1_CH1N - M8 40 - - - PE9 I/O FT - TIM1_CH1 - L8 41 - - - PE10 I/O FT - TIM1_CH2N - M9 42 - - - PE11 I/O FT - TIM1_CH2 - L9 43 - - - PE12 I/O FT - SPI1_NSS, I2S1_WS, TIM1_CH3N - M10 44 - - - PE13 I/O FT - SPI1_SCK, I2S1_CK, TIM1_CH3 - M11 45 - - - PE14 I/O FT - SPI1_MISO, I2S1_MCK, TIM1_CH4 - M12 46 - - - PE15 I/O FT - SPI1_MOSI, I2S1_SD, TIM1_BKIN - L10 47 29 21 E3 PB10 I/O FT - SPI2_SCK, I2C2_SCL, USART3_TX, CEC, TSC_SYNC, TIM2_CH3 - L11 48 30 22 G2 PB11 I/O FT - USART3_RX, TIM2_CH4, EVENTOUT, TSC_G6_IO1, I2C2_SDA - F12 49 31 23 D3 VSS S - - Ground G12 50 32 24 F2 VDD S - - Digital power supply L12 51 33 25 E2 PB12 I/O FT - TIM1_BKIN, TIM15_BKIN, SPI2_NSS, I2S2_WS, USART3_CK, TSC_G6_IO2, EVENTOUT - K12 52 34 26 G1 PB13 I/O FTf - SPI2_SCK, I2S2_CK, I2C2_SCL, USART3_CTS, TIM1_CH1N, TSC_G6_IO3 - Table 12. STM32F078CB/RB/VB pin definitions (continued) Pin numbers Pin name (function upon reset) Pin type Pin functions Alternate functions Additional functions |