| データシートサーチシステム |
|
APW7252 データシート(PDF) 2 Page - Anpec Electronics Coropration |
|
|
|||||||||||||||||||||||||||||
APW7252 データシート(HTML) 2 Page - Anpec Electronics Coropration |
|
2 / 24 page ![]() Copyright © ANPEC Electronics Corp. Rev. A.1 - Dec., 2016 APW7252 www.anpec.com.tw 2 Ordering and Marking Information Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations. ANPEC lead-free products meet or exceed the leadfree requirements of IPC/JEDEC J STD-020C for MSL classification at lead-free peak reflow temperature. Pin Configuration APW7252 Package Code HA : WLCSP 1.92x1.28-15 Operating Ambient Temperature Range I : -40 to 85 oC Handling Code TR : Tape & Reel Assembly Material G : Halogen and Lead Free Device Assembly Material Handling Code Temperature Range Package Code APW7252A HA : W52A X X - Date Code APW7252B HA : X - Date Code W52B X A B C 1 2 3 D E CFLY1 REG VIN PGND OUTP REG SDA AGND SW CFLY2 ENN PGND OUTN SCL ENP (TOP View) |