データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

APW7252 データシート(PDF) 21 Page - Anpec Electronics Coropration

部品番号 APW7252
部品情報  High Efficiency Power Supply for Small Size Display
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANPEC [Anpec Electronics Coropration]
ホームページ  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7252 データシート(HTML) 21 Page - Anpec Electronics Coropration

Back Button APW7252 Datasheet HTML 16Page - Anpec Electronics Coropration APW7252 Datasheet HTML 17Page - Anpec Electronics Coropration APW7252 Datasheet HTML 18Page - Anpec Electronics Coropration APW7252 Datasheet HTML 19Page - Anpec Electronics Coropration APW7252 Datasheet HTML 20Page - Anpec Electronics Coropration APW7252 Datasheet HTML 21Page - Anpec Electronics Coropration APW7252 Datasheet HTML 22Page - Anpec Electronics Coropration APW7252 Datasheet HTML 23Page - Anpec Electronics Coropration APW7252 Datasheet HTML 24Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2016
APW7252
www.anpec.com.tw
21
Carrier Tape & Reel Dimensions
A
A
B
P0
OD0
B
A0
P2
K0
SECTION B-B
SECTION A-A
OD1
P1
T1
d
Applicat ion
A
H
T1
C
d
D
W
E1
F
1 78.0±2.00
50 MIN.
8 .4 +2.00
-0.00
13.0+0 .50
-0 .20
1 .5 MIN.
2 0.2 MIN.
8 .0 ±0 .30
1.75 ±0 .10
3.5±0.05
P0
P 1
P 2
D0
D1
T
A0
B0
K0
WLCSP(1.9X2.1)
4.0±0.10
4.0±0.10
2.0±0.05
1.5+0.10
-0.00
0 .5 MIN.
0.25±0.02
1.55±0.05
2 .05±0.05
0.70±0 .05
(mm)
Devices Per Unit
P acka ge Type
Unit
Quantity
WLCSP(1.28x1.92)
Ta pe & Reel
30 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24