| データシートサーチシステム |
|
STM32F072VB データシート(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F072VB データシート(HTML) 36 Page - STMicroelectronics |
|
36 / 128 page ![]() Pinouts and pin descriptions STM32F072x8 STM32F072xB 36/128 DocID025004 Rev 5 K5 33 H5 24 - - PC4 I/O TTa - EVENTOUT, USART3_TX ADC_IN14 L5 34 H6 25 - - PC5 I/O TTa - TSC_G3_IO1, USART3_RX ADC_IN15, WKUP5 M5 35 F5 26 18 G5 PB0 I/O TTa - TIM3_CH3, TIM1_CH2N, TSC_G3_IO2, EVENTOUT, USART3_CK ADC_IN8 M6 36 G5 27 19 G4 PB1 I/O TTa - TIM3_CH4, USART3_RTS, TIM14_CH1, TIM1_CH3N, TSC_G3_IO3 ADC_IN9 L6 37 G6 28 20 G3 PB2 I/O FT - TSC_G3_IO4 - M7 38 - - - - PE7 I/O FT - TIM1_ETR - L7 39 - - - - PE8 I/O FT - TIM1_CH1N - M8 40 -- -- PE9 I/O FT - TIM1_CH1 - L8 41 - - - - PE10 I/O FT - TIM1_CH2N - M9 42 -- -- PE11 I/O FT - TIM1_CH2 - L9 43 - - - - PE12 I/O FT - SPI1_NSS, I2S1_WS, TIM1_CH3N - M10 44 - - - - PE13 I/O FT - SPI1_SCK, I2S1_CK, TIM1_CH3 - M11 45 - - - - PE14 I/O FT - SPI1_MISO, I2S1_MCK, TIM1_CH4 - M12 46 - - - - PE15 I/O FT - SPI1_MOSI, I2S1_SD, TIM1_BKIN - L10 47 G7 29 21 E3 PB10 I/O FT - SPI2_SCK, I2C2_SCL, USART3_TX, CEC, TSC_SYNC, TIM2_CH3 - L11 48H730 22 G2 PB11 I/O FT - USART3_RX, TIM2_CH4, EVENTOUT, TSC_G6_IO1, I2C2_SDA - F12 49D531 23 D3 VSS S - - Ground Table 13. STM32F072x8/xB pin definitions (continued) Pin numbers Pin name (function upon reset) Pin type Pin functions Alternate functions Additional functions |