| データシートサーチシステム |
|
STM32F072VB データシート(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F072VB データシート(HTML) 37 Page - STMicroelectronics |
|
37 / 128 page ![]() DocID025004 Rev 5 37/128 STM32F072x8 STM32F072xB Pinouts and pin descriptions 40 G12 50 E5 32 24 F2 VDD S - - Digital power supply L12 51 H8 33 25 E2 PB12 I/O FT - TIM1_BKIN, TIM15_BKIN, SPI2_NSS, I2S2_WS, USART3_CK, TSC_G6_IO2, EVENTOUT - K12 52 G8 34 26 G1 PB13 I/O FTf - SPI2_SCK, I2S2_CK, I2C2_SCL, USART3_CTS, TIM1_CH1N, TSC_G6_IO3 - K11 53 F8 35 27 F1 PB14 I/O FTf - SPI2_MISO, I2S2_MCK, I2C2_SDA, USART3_RTS, TIM1_CH2N, TIM15_CH1, TSC_G6_IO4 - K10 54 F7 36 28 E1 PB15 I/O FT - SPI2_MOSI, I2S2_SD, TIM1_CH3N, TIM15_CH1N, TIM15_CH2 WKUP7, RTC_REFIN K9 55 - - - - PD8 I/O FT - USART3_TX - K8 56 - - - - PD9 I/O FT - USART3_RX - J12 57 - - - - PD10 I/O FT - USART3_CK - J11 58 - - - - PD11 I/O FT - USART3_CTS - J10 59 - - - - PD12 I/O FT - USART3_RTS, TSC_G8_IO1 - H12 60 - - - - PD13 I/O FT - TSC_G8_IO2 - H11 61 - - - - PD14 I/O FT - TSC_G8_IO3 - H10 62 - - - - PD15 I/O FT - TSC_G8_IO4, CRS_SYNC - E12 63 F6 37 - - PC6 I/O FT (3) TIM3_CH1 - E11 64E738 - - PC7 I/O FT (3) TIM3_CH2 - E10 65E839 - - PC8 I/O FT (3) TIM3_CH3 - D12 66D840 - - PC9 I/O FT (3) TIM3_CH4 - Table 13. STM32F072x8/xB pin definitions (continued) Pin numbers Pin name (function upon reset) Pin type Pin functions Alternate functions Additional functions |