| データシートサーチシステム |
|
STM32F302R6 データシート(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F302R6 データシート(HTML) 36 Page - STMicroelectronics |
|
36 / 138 page ![]() Table 12. STM32F302x6/8 pin definitions Pin Number Pin name (function after reset) Alternate functions Additional functions - B6 1 1 VBAT S - - Backup power supply -D5 2 2 PC13(1) TAMPER1 WKUP2 (PC13) I/O TC (1) TIM1_CH1N WKUP2, RTC_TAMP1, RTC_TS, RTC_OUT -C7 3 3 PC14(1) OSC32_IN (PC14) I/O TC (1) - OSC32_IN -C6 4 4 PC15(1) OSC32_OUT (PC14) I/O TC (1) - OSC32_OUT 2 D7 5 5 PF0 OSC_IN (PF0) I/O FTf - I2C2_SDA, SPI2_NSS/I2S2_WS, TIM1_CH3N OSC_IN 3 D6 6 6 PF1 OSC_OUT (PF1) O FTf - I2C2_SCL, SPI2_SCK/I2S2_CK OSC_OUT 4 E7 7 7 NRST I/O RST - Device reset input/internal reset output (active low) - - - 8 PC0 I/O TTa - EVENTOUT, TIM1_CH1 ADC1_IN6 - - - 9 PC1 I/O TTa - EVENTOUT, TIM1_CH2 ADC1_IN7 - - - 10 PC2 I/O TTa - EVENTOUT, TIM1_CH3 ADC1_IN8 --- 11 PC3 I/O TTa - EVENTOUT, TIM1_CH4, TIM1_BKIN2 ADC1_IN9 6 E6 8 12 VSSA/VREF- S - - Analog ground/Negative reference voltage 5 A6 9 13 VDDA/VREF+ S - - Analog power supply/Positive reference voltage |