| データシートサーチシステム |
|
STM32F302R6 データシート(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F302R6 データシート(HTML) 47 Page - STMicroelectronics |
|
47 / 138 page ![]() Table 15. Alternate functions for Port C Port & pin name AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 SYS_AF TIM2/TIM15/ TIM16/TIM17/ EVENT I2C3/TIM1/TIM2 /TIM15 I2C3/TIM15/ TSC I2C1/I2C2/TIM1/ TIM16/TIM17 SPI2/I2S2/ SPI3/I2S3 Infrared SPI2/I2S2/SPI3/ I2S3/TIM1/ Infrared USART1/ USART2/ USART3/CAN/ GPCOMP6 PC0 - EVENTOUT TIM1_CH1 ----- PC1 - EVENTOUT TIM1_CH2 ----- PC2 - EVENTOUT TIM1_CH3 ----- PC3 - EVENTOUT TIM1_CH4 --- TIM1_BKIN2 - PC4 - EVENTOUT TIM1_ETR ---- USART1_TX PC5 - EVENTOUT TIM15_BKIN TSC_G3_IO1 --- USART1_RX PC6 - EVENTOUT - --- I2S2_MCK COMP6_OUT PC7 - EVENTOUT - --- I2S3_MCK - PC8 - EVENTOUT - ----- PC9 - EVENTOUT - I2C3_SDA - I2SCKIN -- PC10 - EVENTOUT - --- SPI3_SCK/ I2S3_CK USART3_TX PC11 - EVENTOUT - --- SPI3_MISO/ I2S3ext_SD USART3_RX PC12 - EVENTOUT - --- SPI3_MOSI/ I2S3_SD USART3_CK PC13 --- - TIM1_CH1N --- PC14 --- ----- PC15 --- ----- |