| データシートサーチシステム |
|
STM32L053C8 データシート(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L053C8 データシート(HTML) 43 Page - STMicroelectronics |
|
43 / 132 page ![]() DocID025844 Rev 7 43/132 STM32L053x6 STM32L053x8 Pin descriptions 48 - 37 F6 PC6 I/O FT - TIM22_CH1, LCD_SEG24, TSC_G8_IO1 - - 38 E7 PC7 I/O FT - TIM22_CH2, LCD_SEG25, TSC_G8_IO2 - - 39 E8 PC8 I/O FT - TIM22_ETR, LCD_SEG26, TSC_G8_IO3 - - 40 D8 PC9 I/O FT - TIM21_ETR, LCD_SEG27, USB_NOE, TSC_G8_IO4 - 29 41 D7 PA8 I/O FT - MCO, LCD_COM0, USB_CRS_SYNC, EVENTOUT, USART1_CK - 30 42 C7 PA9 I/O FT - MCO, LCD_COM1, TSC_G4_IO1, USART1_TX - 31 43 C6 PA10 I/O FT - LCD_COM2, TSC_G4_IO2, USART1_RX - 32 44 C8 PA11 I/O FT (2) SPI1_MISO, EVENTOUT, TSC_G4_IO3, USART1_CTS, COMP1_OUT USB_DM 33 45 B8 PA12 I/O FT (2) SPI1_MOSI, EVENTOUT, TSC_G4_IO4, USART1_RTS_DE, COMP2_OUT USB_DP 34 46 A8 PA13 I/O FT - SWDIO, USB_NOE - 35 47 D5 VSS S - - - 36 48 E6 VDD_USB S - - - 37 49 A7 PA14 I/O FT - SWCLK, USART2_TX - 38 50 A6 PA15 I/O FT - SPI1_NSS, LCD_SEG17, TIM2_ETR, EVENTOUT, USART2_RX, TIM2_CH1 - - 51 B7 PC10 I/O FT - LPUART1_TX, LCD_COM4/LCD_SEG28/ LCD_SEG40 - Table 15. STM32L053x6/8 pin definitions (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |