| データシートサーチシステム |
|
STM32L053C8 データシート(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L053C8 データシート(HTML) 44 Page - STMicroelectronics |
|
44 / 132 page ![]() Pin descriptions STM32L053x6 STM32L053x8 44/132 DocID025844 Rev 7 - 52 B6 PC11 I/O FT - LPUART1_RX, LCD_COM5/LCD_SEG29/ LCD_SEG41 - - 53 C5 PC12 I/O FT - LCD_COM6/LCD_SEG30/ LCD_SEG42 - - 54 B5 PD2 I/O FT - LPUART1_RTS_DE, LCD_COM7/LCD_SEG31/ LCD_SEG43 - 39 55 A5 PB3 I/O FT - SPI1_SCK, LCD_SEG7, TIM2_CH2, TSC_G5I_O1, EVENTOUT COMP2_INN 40 56 A4 PB4 I/O FT - SPI1_MISO, LCD_SEG8, EVENTOUT, TSC_G5_IO2, TIM22_CH1 COMP2_INP 41 57 C4 PB5 I/O FT - SPI1_MOSI, LCD_SEG9, LPTIM1_IN1, I2C1_SMBA, TIM22_CH2 COMP2_INP 42 58 D3 PB6 I/O FTf - USART1_TX, I2C1_SCL, LPTIM1_ETR, TSC_G5_IO3 COMP2_INP 43 59 C3 PB7 I/O FTf - USART1_RX, I2C1_SDA, LPTIM1_IN2, TSC_G5_IO4 COMP2_INP, PVD_IN 44 60 B4 BOOT0 I B - - - 45 61 B3 PB8 I/O FTf - LCD_SEG16, TSC_SYNC, I2C1_SCL - 46 62 A3 PB9 I/O FTf - LCD_COM3, EVENTOUT, I2C1_SDA, SPI2_NSS/I2S2_WS - 47 63 D4 VSS S - - - - 48 64 E4 VDD S - - - - 1. This GPIO offers a reduced touch sensing sensitivity. It is thus recommended to use it as sampling capacitor I/O. 2. These pins are powered by VDD_USB. For all characteristics that refer to VDD, VDD_USB must be used instead. Table 15. STM32L053x6/8 pin definitions (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |