| データシートサーチシステム |
|
STM32L053 データシート(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L053 データシート(HTML) 40 Page - STMicroelectronics |
|
40 / 132 page ![]() Pin descriptions STM32L053x6 STM32L053x8 40/132 DocID025844 Rev 7 Pin functions Alternate functions Functions selected through GPIOx_AFR registers Additional functions Functions directly selected/enabled through peripheral registers Table 14. Legend/abbreviations used in the pinout table (continued) Name Abbreviation Definition Table 15. STM32L053x6/8 pin definitions Pin number Pin name (function after reset) Alternate functions Additional functions 1 1 B2 VLCD S - - - - 2 2 A2 PC13 I/O FT - - RTC_TAMP1/RTC_TS/RT C_OUT/WKUP2 33 A1 PC14-OSC32_IN (PC14) I/O FT - - OSC32_IN 44 B1 PC15- OSC32_OUT (PC15) I/O TC - - OSC32_OUT 55 C1 PH0-OSC_IN (PH0) I/O TC - USB_CRS_SYNC OSC_IN 66 D1 PH1-OSC_OUT (PH1) I/O TC - - OSC_OUT 7 7 E1 NRST I/O RST - - - - 8 E3 PC0 I/O FT - LPTIM1_IN1, LCD_SEG18, EVENTOUT, TSC_G7_IO1 ADC_IN10 - 9 E2 PC1 I/O FT - LPTIM1_OUT, LCD_SEG19, EVENTOUT, TSC_G7_IO2 ADC_IN11 - 10 F2 PC2 I/O FT - LPTIM1_IN2, LCD_SEG20, SPI2_MISO/I2S2_MCK, TSC_G7_IO3 ADC_IN12 - 11 - PC3 I/O FT - LPTIM1_ETR, LCD_SEG21, SPI2_MOSI/I2S2_SD, TSC_G7_IO4 ADC_IN13 |