| データシートサーチシステム |
|
STM32L053 データシート(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L053 データシート(HTML) 45 Page - STMicroelectronics |
|
45 / 132 page ![]() Table 16. Alternate function port A Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 SPI1/TIM21/SYS_A F/EVENTOUT/ LCD USB/TIM2/ EVENTOUT/ TSC/ EVENTOUT USART1/2/3 TIM2/21/22 EVENTOUT COMP1/2 Port A PA0 - - TIM2_CH1 TSC_G1_IO1 USART2_CTS TIM2_ETR - COMP1_OUT PA1 EVENTOUT LCD_SEG0 TIM2_CH2 TSC_G1_IO2 USART2_RTS_ DE TIM21_ETR - - PA2 TIM21_CH1 LCD_SEG1 TIM2_CH3 TSC_G1_IO3 USART2_TX - - COMP2_OUT PA3 TIM21_CH2 LCD_SEG2 TIM2_CH4 TSC_G1_IO4 USART2_RX - - - PA4 (1) SPI1_NSS - - TSC_G2_IO1 USART2_CK TIM22_ETR - - PA5 SPI1_SCK - TIM2_ETR TSC_G2_IO2 - TIM2_CH1 - - PA6 SPI1_MISO LCD_SEG3 - TSC_G2_IO3 LPUART1_CTS TIM22_CH1 EVENTOUT COMP1_OUT PA7 SPI1_MOSI LCD_SEG4 - TSC_G2_IO4 - TIM22_CH2 EVENTOUT COMP2_OUT PA8 MCO LCD_COM0 USB_CRS_SYNC EVENTOUT USART1_CK - - - PA9 MCO LCD_COM1 - TSC_G4_IO1 USART1_TX - - - PA10 - LCD_COM2 - TSC_G4_IO2 USART1_RX - - - PA11 SPI1_MISO - EVENTOUT TSC_G4_IO3 USART1_CTS - - COMP1_OUT PA12 SPI1_MOSI - EVENTOUT TSC_G4_IO4 USART1_RTS_ DE - - COMP2_OUT PA13 SWDIO - USB_NOE - - - - - PA14 SWCLK - - - USART2_TX - - - PA15 SPI1_NSS LCD_SEG17 TIM2_ETR EVENTOUT USART2_RX TIM2_CH1 - - 1. This GPIO offers a reduced touch sensing sensitivity. It is thus recommended to use it as sampling capacitor I/O. |