データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F732ICY6 データシート(PDF) 12 Page - STMicroelectronics

部品番号 STM32F732ICY6
部品情報  Dual mode Quad-SPI
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F732ICY6 データシート(HTML) 12 Page - STMicroelectronics

Back Button STM32F732ICY6 Datasheet HTML 8Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 9Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 10Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 11Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 12Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 13Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 14Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 15Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 122 page
background image
Description
STM32F732xx STM32F733xx
12/122
DocID028480 Rev 1
1.1
Full compatibility throughout the family
The STM32F732xx devices are fully pin-to-pin, compatible with the STM32F7x5xx,
STM32F7x6xx, STM32F7x7xx devices.
The STM32F732xx devices are fully pin-to-pin, compatible with the STM32F4xxxx devices,
allowing the user to try different peripherals, and reaching higher performances (higher
frequency) for a greater degree of freedom during the development cycle.
Figure 1 and Figure 2 give compatible board designs between the STM32F732xx and
STM32F4xx families.
Figure 1. Compatible board design for LQFP100 package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More