データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M95M01-DF データシート(PDF) 28 Page - STMicroelectronics

部品番号 M95M01-DF
部品情報  1-Mbit serial SPI bus EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-DF データシート(HTML) 28 Page - STMicroelectronics

Back Button M95M01-DF Datasheet HTML 24Page - STMicroelectronics M95M01-DF Datasheet HTML 25Page - STMicroelectronics M95M01-DF Datasheet HTML 26Page - STMicroelectronics M95M01-DF Datasheet HTML 27Page - STMicroelectronics M95M01-DF Datasheet HTML 28Page - STMicroelectronics M95M01-DF Datasheet HTML 29Page - STMicroelectronics M95M01-DF Datasheet HTML 30Page - STMicroelectronics M95M01-DF Datasheet HTML 31Page - STMicroelectronics M95M01-DF Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
Instructions
M95M01-DF M95M01-R
28/51
DocID13264 Rev 14
6.8
Write Identification Page (available only in M95M01-D
devices)
The Identification Page (256 bytes) is an additional page which can be written and (later)
permanently locked in Read-only mode.
Writing this page is achieved with the Write Identification Page instruction (see Table 3). The
Chip Select signal (S) is first driven low. The bits of the instruction byte, address bytes, and
at least one data byte are then shifted in on Serial Data Input (D). Address bit A10 must be
0, upper address bits are Don't Care, the lower address bits [A7:A0] address bits define the
byte address inside the identification page. The instruction sequence is shown in Figure 16.
Figure 16. Write identification page sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51