データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST2329B データシート(PDF) 19 Page - STMicroelectronics

部品番号 ST2329B
部品情報  2-bit dual supply level translator without direction control pin, open drain output
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2329B データシート(HTML) 19 Page - STMicroelectronics

Back Button ST2329B Datasheet HTML 15Page - STMicroelectronics ST2329B Datasheet HTML 16Page - STMicroelectronics ST2329B Datasheet HTML 17Page - STMicroelectronics ST2329B Datasheet HTML 18Page - STMicroelectronics ST2329B Datasheet HTML 19Page - STMicroelectronics ST2329B Datasheet HTML 20Page - STMicroelectronics ST2329B Datasheet HTML 21Page - STMicroelectronics ST2329B Datasheet HTML 22Page - STMicroelectronics ST2329B Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
DocID023359 Rev 3
19/23
ST2329B
Package mechanical data
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23