データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OA1NP データシート(PDF) 26 Page - STMicroelectronics

部品番号 OA1NP
部品情報  Rail-to-rail input and output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA1NP データシート(HTML) 26 Page - STMicroelectronics

Back Button OA1NP Datasheet HTML 22Page - STMicroelectronics OA1NP Datasheet HTML 23Page - STMicroelectronics OA1NP Datasheet HTML 24Page - STMicroelectronics OA1NP Datasheet HTML 25Page - STMicroelectronics OA1NP Datasheet HTML 26Page - STMicroelectronics OA1NP Datasheet HTML 27Page - STMicroelectronics OA1NP Datasheet HTML 28Page - STMicroelectronics OA1NP Datasheet HTML 29Page - STMicroelectronics OA1NP Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Package information
OA1NP, OA2NP, OA4NP
26/31
DocID025993 Rev 2
5.2
DFN8 2x2 package information
Figure 43. DFN8 2x2 package mechanical drawing
Table 8. DFN8 2x2 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.70
0.75
0.80
0.028
0.030
0.031
A1
0.00
0.02
0.05
0.000
0.001
0.002
b
0.15
0.20
0.25
0.006
0.008
0.010
D
2.00
0.079
E
2.00
0.079
e
0.50
0.020
L
0.045
0.55
0.65
0.018
0.022
0.026
N8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31