データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OA1NP データシート(PDF) 28 Page - STMicroelectronics

部品番号 OA1NP
部品情報  Rail-to-rail input and output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA1NP データシート(HTML) 28 Page - STMicroelectronics

Back Button OA1NP Datasheet HTML 23Page - STMicroelectronics OA1NP Datasheet HTML 24Page - STMicroelectronics OA1NP Datasheet HTML 25Page - STMicroelectronics OA1NP Datasheet HTML 26Page - STMicroelectronics OA1NP Datasheet HTML 27Page - STMicroelectronics OA1NP Datasheet HTML 28Page - STMicroelectronics OA1NP Datasheet HTML 29Page - STMicroelectronics OA1NP Datasheet HTML 30Page - STMicroelectronics OA1NP Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Package information
OA1NP, OA2NP, OA4NP
28/31
DocID025993 Rev 2
5.4
QFN16 package information
Figure 45.
QFN16 package mechanical drawing
Table 10.
QFN16 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
0.90
1.00
0.032
0.035
0.039
A1
0.02
0.05
0.001
0.002
A3
0.2
0.008
b
0.18
0.23
0.30
0.007
0.009
0.012
D3.00
0.118
D2
1.00
1.15
1.25
0.039
0.045
0.049
E3.00
0.118
E2
1.00
1.15
1.25
0.039
0.045
0.049
e
0.5
0.02
K0.2
0.008
L
0.30
0.40
0.50
0.012
0.016
0.020
r0.09
0.006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31