| データシートサーチシステム |
|
STA321MPL1TR データシート(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA321MPL1TR データシート(HTML) 61 Page - STMicroelectronics |
|
61 / 80 page ![]() DocID029389 Rev 1 61/80 STA321MPL1 Configuration registers (0x77; 0x78; 0x79) 80 6.5.3 PDM control register (0x5E) 6.5.4 Recombination control register 2, 3, and 4 (0x5F; 0x60; 0x61) D7 D6 D5 D4 D3 D2 D1 D0 AdvM6 AdvM5 AdvM4 AdvM3 AdvM2 AdvM1 PDMSM[1:0] 00 000 00 0 Bit RW RST Name Description 7RW AdvM6 PDM channel x sampling edge configuration: '1': rising edge (of internal _CLK) '0': falling edge (of internal _CLK) (Active in Advance mode only, PDMSM = ’11’) 6RW AdvM5 5RW AdvM4 4RW AdvM3 3RW AdvM2 2RW AdvM1 1RW PDMSM 00: Normal mode 01: reserved 10: Dual-membrane 11: Advanced 0RW D7 D6 D5 D4 D3 D2 D1 D0 bypRM1 CH1GG[5:0] 00 100 00 0 D7 D6 D5 D4 D3 D2 D1 D0 bypRM2 CH2GG[5:0] 00 100 00 0 D7 D6 D5 D4 D3 D2 D1 D0 bypRM3 CH3GG[5:0] 00 100 00 0 Bit RW RST Name Description 7 RW reserved 6 RW bypRMx '1': Recombination of Mike_x is bypassed '0': Recombination of Mike_x is active 5RW CHxGG[5:0] see Table 12 4RW 3RW 2RW 1RW 0RW |