| データシートサーチシステム |
|
STHDLS101T データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STHDLS101T データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 26 page ![]() STHDLS101T Functional description 13/26 Table 4. OE_N function OE_N IN_Dx OUT_Dx (TMDS outputs) Notes De-asserted (high level) High-Z High-Z Device disabled. Low power state. Internal bias currents are disabled. Asserted or unconnected (low level) 50 Ω termination Enabled Level shifting mode enabled. Obsolete Product(s) - Obsolete Product(s) |