データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STOD13ASTPUR データシート(PDF) 14 Page - STMicroelectronics

部品番号 STOD13ASTPUR
部品情報  Synchronous rectification for both DC-DC converters
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13ASTPUR データシート(HTML) 14 Page - STMicroelectronics

Back Button STOD13ASTPUR Datasheet HTML 10Page - STMicroelectronics STOD13ASTPUR Datasheet HTML 11Page - STMicroelectronics STOD13ASTPUR Datasheet HTML 12Page - STMicroelectronics STOD13ASTPUR Datasheet HTML 13Page - STMicroelectronics STOD13ASTPUR Datasheet HTML 14Page - STMicroelectronics STOD13ASTPUR Datasheet HTML 15Page - STMicroelectronics STOD13ASTPUR Datasheet HTML 16Page - STMicroelectronics STOD13ASTPUR Datasheet HTML 17Page - STMicroelectronics STOD13ASTPUR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Detailed description
STOD13AS
14/25
Doc ID 022733 Rev 1
6.2
Negative output voltage levels
6.3
Enable, SWIRE and FD
Table 7.
Negative output voltage levels
Pulse
VO2
Pulse
VO2
Pulse
VO2
Pulse
VO2
1
-6.4
11-5.4
21-4.431
-3.4
2
-6.3
12-5.3
22-4.332
-3.3
3
-6.2
13-5.2
23-4.233
-3.2
4
-6.1
14-5.1
24-4.134
-3.1
5
-6.0
15-5.0
25-4.035
-3.0
6-5.9
16 (1)
-4.9
26
-3.9
36
-2.9
7
-5.8
17-4.8
27-3.837
-2.8
8
-5.7
18-4.7
28-3.738
-2.7
9
-5.6
19-4.6
29-3.639
-2.6
10
-5.5
20
-4.5
30
-3.5
40
-2.5
41
-2.4
1.
Default value.
Table 8.
Enable and SWIRE operation table
(1)
Enable
SWIRE
Action
Low
Low
Device off
Low
High
Negative output set by SWIRE
High
Low
Default negative output voltage
High
High
Default negative output voltage
1.
The Enable pin must be set to AGND while using the SWIRE function.
Table 9.
Fast discharge operation table
FD pin
Action
Low
Fast discharge active after IC shutdown
High
No fast discharge function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25