データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STOD13ASTPUR データシート(PDF) 22 Page - STMicroelectronics

部品番号 STOD13ASTPUR
部品情報  Synchronous rectification for both DC-DC converters
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13ASTPUR データシート(HTML) 22 Page - STMicroelectronics

Back Button STOD13ASTPUR Datasheet HTML 17Page - STMicroelectronics STOD13ASTPUR Datasheet HTML 18Page - STMicroelectronics STOD13ASTPUR Datasheet HTML 19Page - STMicroelectronics STOD13ASTPUR Datasheet HTML 20Page - STMicroelectronics STOD13ASTPUR Datasheet HTML 21Page - STMicroelectronics STOD13ASTPUR Datasheet HTML 22Page - STMicroelectronics STOD13ASTPUR Datasheet HTML 23Page - STMicroelectronics STOD13ASTPUR Datasheet HTML 24Page - STMicroelectronics STOD13ASTPUR Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Package mechanical data
STOD13AS
22/25
Doc ID 022733 Rev 1
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
99
101
3.898
3.976
T
14.4
0.567
Ao
3.3
0.130
Bo
3.3
0.130
Ko
1.1
0.043
Po
4
0.157
P
8
0.315
Tape & reel QFNxx/DFNxx (3x3) mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25