データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STR710FZ1 データシート(PDF) 77 Page - STMicroelectronics

部品番号 STR710FZ1
部品情報  ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR710FZ1 データシート(HTML) 77 Page - STMicroelectronics

Back Button STR710FZ1 Datasheet HTML 72Page - STMicroelectronics STR710FZ1 Datasheet HTML 73Page - STMicroelectronics STR710FZ1 Datasheet HTML 74Page - STMicroelectronics STR710FZ1 Datasheet HTML 75Page - STMicroelectronics STR710FZ1 Datasheet HTML 76Page - STMicroelectronics STR710FZ1 Datasheet HTML 77Page - STMicroelectronics STR710FZ1 Datasheet HTML 78Page - STMicroelectronics STR710FZ1 Datasheet HTML 79Page - STMicroelectronics STR710FZ1 Datasheet HTML 80Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 77 / 80 page
background image
STR71xFxx STR710RZ
Known limitations
Doc ID 10350 Rev 13
77/80
8
Known limitations
Description
If an IRQ or FIQ interrupt is pending and the Interrupt vector register (EIC_IVR) is not yet
read, the HALT bit in the RCCU_SMR register can not be written. Therefore a software reset
can not be generated.
Workaround
To generate a software reset when an IRQ or FIQ line is pending, either:
reset the EIC peripheral by setting bit 14 in the APB2_SWRES register, or
read the EIC_IVR register prior to generating a software reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80