| データシートサーチシステム |
|
STR710FZ1 データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR710FZ1 データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 80 page ![]() System architecture STR71xFxx STR710RZ 12/80 Doc ID 10350 Rev 13 3.2 Related documentation Available from www.arm.com: ARM7TDMI Technical reference manual Available from http://www.st.com: STR71x Reference manual STR7 Flash programming manual AN1774 - STR71x Software development getting started AN1775 - STR71x Hardware development getting started AN1776 - STR71x Enhanced interrupt controller AN1777 - STR71x memory mapping AN1780 - Real time clock with STR71x AN1781 - Four 7 segment display drive using the STR71x The above is a selected list only, a full list STR71x application notes can be viewed at http://www.st.com. |