| データシートサーチシステム |
|
VT6516 データシート(PDF) 49 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT6516 データシート(HTML) 49 Page - List of Unclassifed Manufacturers |
|
49 / 73 page ![]() VIA Technologies, Inc. Preliminary VT6516 Datarsheet -49- 09H CLEAR All Free Pointers Write to this register will reset the two free buffer pointers according to the SDRAMTYPE. It is the only way to program the FREE0_PT and FREE1_PT. This command should be taken after the SDRAMTYPE has been specified. CFP [0] W/ O 10H PRIVATE MEMORY ALLOCATION BIT MASK for PORT 0 Each bit corresponds to a private packet buffer. This mask register will be cleared to bit pattern 0000-0000 while system reset. The 8 private buffers for the port K are that of entry IDs (K*8) ~ (K*8+7). But, the CPU IO port has not private buffers. PORT0_M ASK [7:0] 0 R/O 11H PRIVATE MEMORY ALLOCATION BIT MASK for PORT 1 PORT1_M ASK [7:0] 0 R/O 12H PRIVATE MEMORY ALLOCATION BIT MASK for PORT 2 PORT2_M ASK [7:0] 0 R/O 13H PRIVATE MEMORY ALLOCATION BIT MASK for PORT 3 PORT3_M ASK [7:0] 0 R/O 14H PRIVATE MEMORY ALLOCATION BIT MASK for PORT 4 PORT4_M ASK [7:0] 0 R/O 15H PRIVATE MEMORY ALLOCATION BIT MASK for PORT 5 PORT5_M ASK [7:0] 0 R/O 16H PRIVATE MEMORY ALLOCATION BIT MASK for PORT 6 PORT6_M ASK [7:0] 0 R/O 17H PRIVATE MEMORY ALLOCATION BIT MASK for PORT 7 PORT7_M ASK [7:0] 0 R/O 18H PRIVATE MEMORY ALLOCATION BIT MASK for PORT 8 PORT8_M ASK [7:0] 0 R/O 19H PRIVATE MEMORY ALLOCATION BIT MASK for PORT 9 PORT9_M ASK [7:0] 0 R/O 1AH PRIVATE MEMORY ALLOCATION BIT MASK for PORT 10 PORT10_ MASK [7:0] 0 R/O 1BH PRIVATE MEMORY ALLOCATION BIT MASK for PORT 11 PORT11_ MASK [7:0] 0 R/O 1CH PRIVATE MEMORY ALLOCATION BIT MASK for PORT 12 PORT12_ MASK [7:0] 0 R/O 1DH PRIVATE MEMORY ALLOCATION BIT MASK for PORT 13 PORT13_ MASK [7:0] 0 R/O 1EH PRIVATE MEMORY ALLOCATION BIT MASK for PORT 14 PORT14_ MASK [7:0] 0 R/O 1FH PRIVATE MEMORY ALLOCATION BIT MASK for PORT 15 PORT15_ MASK [7:0] 0 R/O 4.5 Registers of Forwarding Control Module |