| データシートサーチシステム |
|
VT6516 データシート(PDF) 60 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT6516 データシート(HTML) 60 Page - List of Unclassifed Manufacturers |
|
60 / 73 page ![]() VIA Technologies, Inc. Preliminary VT6516 Datarsheet -60- 01H configurable frame gap in di bits for 1st interval This register specifies the 1 st interval of the inter-frame gap (in unit of di bit) for outgoing packets, where the 2 nd interval of the inter- frame gap is fixed as 16 di bits (i.e. 32 bits). The minimum inter- frame gate (IFG) defined in 802.3 is 96 bits (48 di bits). But for fast transmission, many manufactures use smaller IFG (minimum is 32 bits) in practical. The allowable IFG_CFG value is 0..63 di bits. Note that, TMAC only performs the carrier sense function during the 1 st IFG interval, rather than the whole IFG. So, for the half duplex link, if an incoming packet arrives at the 2 nd IFG interval, a collision with the ready-to-send outgoing packet will happen. IFG_CFG [5:0] 32 R/ W |