| データシートサーチシステム |
|
HT45F3W データシート(PDF) 79 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F3W データシート(HTML) 79 Page - Holtek Semiconductor Inc |
|
79 / 167 page ![]() Rev. 1.50 78 De�e��e� 01� �01� Rev. 1.50 79 De�e��e� 01� �01� HT45F3W R-Type Blood Pressure Meter Flash MCU HT45F3W R-Type Blood Pressure Meter Flash MCU Compact Type TM – CTM AlthoughthesimplestformofthetwoTMtypes,theCompactTMtypestillcontainsthreeoperating modes,whichareCompareMatchOutput,Timer/EventCounterandPWMOutputmodes.The CompactTMcanalsobecontrolledwithanexternalinputpinandcandrivetwoexternaloutput pins.Thesetwoexternaloutputpinscanbethesamesignalortheinversesignal. Name TM No. TM Input Pin TM Output Pin 10-�it CTM 0� 1 TCK0� TCK1 TP0_0� TP0_1 TP1_0� TP1_1 Compact TM Operation Atitscoreisa10-bitcount-upcounterwhichisdrivenbyauserselectableinternalorexternalclock source.Therearealsotwointernalcomparatorswiththenames,ComparatorAandComparator P.ThesecomparatorswillcomparethevalueinthecounterwithCCRPandCCRAregisters.The CCRPisthreebitswidewhosevalueiscomparedwiththehighestthreebitsinthecounterwhilethe CCRAisthetenbitsandthereforecompareswithallcounterbits. Theonlywayofchangingthevalueofthe10-bitcounterusingtheapplicationprogram,isto clearthecounterbychangingtheTnONbitfromlowtohigh.Thecounterwillalsobecleared automaticallybyacounteroverfloworacomparematchwithoneofitsassociatedcomparators. Whentheseconditionsoccur,aTMinterruptsignalwillalsousuallybegenerated.TheCompact TypeTMcanoperateinanumberofdifferentoperationalmodes,canbedrivenbydifferentclock sourcesincludinganinputpinandcanalsocontrolanoutputpin.Alloperatingsetupconditionsare selectedusingrelevantinternalregisters. CCRP CCRA Tn CC LR Co mp ar at or P M at ch Co mp ar at or A Ma tc h Tn CK 2~ Tn CK 0 Tn ON Tn PAU b7 ~b 9 3 -b it C om par at or P TC Kn 10 - bi t Co m par at or A Co unt er C le ar 10 -b it C ount -u p Co unt er Tn PF I nt e rru pt Tn AF I nt e rru pt TP n Pi n Ou tp u t b0 ~b 9 Tn M1 , Tn M0 Tn IO 1, T nI O0 Tn PO L Tn OC Po la ri ty Co nt ro l Ou tp u t Co nt ro l TP n_0 TP n_1 11 1 00 0 00 1 01 0 01 1 10 0 10 1 11 0 f SYS /4 f SYS f H /1 6 f H /6 4 f TB C Re se rv ed 0 1 Compact Type TM Block Digram (n=0 or 1) |