| データシートサーチシステム |
|
HT45F3W データシート(PDF) 44 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F3W データシート(HTML) 44 Page - Holtek Semiconductor Inc |
|
44 / 167 page ![]() Rev. 1.50 44 De�e��e� 01� �01� Rev. 1.50 45 De�e��e� 01� �01� HT45F3W R-Type Blood Pressure Meter Flash MCU HT45F3W R-Type Blood Pressure Meter Flash MCU Programming Considerations CaremustbetakenthatdataisnotinadvertentlywrittentotheEEPROM.Protectioncanbe enhancedbyensuringthattheWriteEnablebitisnormallyclearedtozerowhennotwriting.Also theBankPointercouldbenormallyclearedtozeroasthiswouldinhibitaccesstoBank1where theEEPROMcontrolregisterexist.Althoughcertainlynotnecessary,considerationmightbegiven intheapplicationprogramtothecheckingofthevalidityofnewwritedatabyasimplereadback process. WhenwritingdatatheWRbitmustbesethighimmediatelyaftertheWRENbithasbeensethigh, toensurethewritecycleexecutescorrectly.TheglobalinterruptbitEMIshouldalsobecleared beforeawritecycleisexecutedandthenre-enabledafterthewritecyclestarts.Notethatthedevice shouldnotentertheIDLEorSLEEPmodeuntiltheEEPROMreadorwriteoperationistotally complete.Otherwise,theEEPROMreadorwriteoperationwillfail. • Programming Examples ♦ ReadingdatafromtheEEPROM-pollingmethod MOV A, EEPROM_ADRES ; user defined address MOV EEA, A MOV A, 040H ; setup memory pointer MP1 MOV MP1, A ; MP1 points to EEC register MOV A, 01H ; setup Bank Pointer MOV BP, A SET IAR1.1 ; set RDEN bit, enable read operations SET IAR1.0 ; start Read Cycle - set RD bit BACK: SZ IAR1.0 ; check for read cycle end JMP BACK CLR IAR1 ; disable EEPROM read/write CLR BP MOV A, EED ; move read data to register MOV READ_DATA, A ♦ WritingDatatotheEEPROM–pollingmethod MOV A, EEPROM_ADRES ; user defined address MOV EEA, A MOV A, EEPROM_DATA ; user defined data MOV EED, A MOV A, 040H ; setup memory pointer MP1 MOV MP1, A ; MP1 points to EEC register MOV A, 01H ; setup Bank Pointer MOV BP, A CLR EMI SET IAR1.3 ; set WREN bit, enable write operations SET IAR1.2 ; start Write Cycle - set WR bit SET EMI BACK: SZ IAR1.2 ; check for write cycle end JMP BACK CLR IAR1 ; disable EEPROM read/write CLR BP |