| データシートサーチシステム |
|
HT45F4MA データシート(PDF) 78 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F4MA データシート(HTML) 78 Page - Holtek Semiconductor Inc |
|
78 / 145 page ![]() Rev. 1.20 78 De�e��e� 1�� 201� Rev. 1.20 79 De�e��e� 1�� 201� HT45F4MA/HT45FH4MA/HT45FH4MA-1 Power Bank Flash MCU HT45F4MA/HT45FH4MA/HT45FH4MA-1 Power Bank Flash MCU Periodic Type TM – PTM ThePeriodicTypeTMcontainsfiveoperatingmodes,whichareCompareMatchOutput,Timer/ EventCounter,CaptureInput,SinglePulseOutputandPWMOutputmodes.ThePeriodicTMcan alsobecontrolledwithanexternalinputpinandcandriveoneortwoexternaloutputpins. Device Name TM No. TM Input Pin TM Output Pin HT�5F�MA 10-�it PTM 1 TCK1 TP1_0� TP1_1 HT�5FH�MA/HT�5FH�MA-1 10-�it PTM 1 TCK1 TP1_1 Periodic TM Operation Atitscoreisa10-bitcount-upcounterwhichisdrivenbyauserselectableinternalorexternalclock source.Therearetwointernalcomparatorswiththenames,ComparatorAandComparatorP.These comparatorswillcomparethevalueinthecounterwiththeCCRAandCCRPregisters. Theonlywayofchangingthevalueofthe10-bitcounterusingtheapplicationprogram,isto clearthecounterbychangingtheT1ONbitfromlowtohigh.Thecounterwillalsobecleared automaticallybyacounteroverfloworacomparematchwithoneofitsassociatedcomparators. Whentheseconditionsoccur,aTMinterruptsignalwillalsousuallybegenerated.ThePeriodic TypeTMcanoperateinanumberofdifferentoperationalmodes,canbedrivenbydifferentclock sourcesincludinganinputpinandcanalsocontroltheoutputpin.Alloperatingsetupconditionsare selectedusingrelevantinternalregisters. CCRP CCRA Tn CC LR Co mp ar at or P M at ch Co mp ar at or A Ma tc h Tn CK 2~ Tn CK 0 Tn ON Tn PA U b0 ~b 9 10 - bi t Co mp ar at or P 10 - bi t Co mp ar at or A C oun te r Cl ea r 10 -b it C ount -u p Co un te r Tn PF In te rr upt Tn AF In te rru pt TP n Pi n I npu t/ Ou tp ut b0 ~b 9 E dge De te ct or Tn IO 1, T nI O0 Tn M1 , Tn M0 Tn IO 1, T nI O0 Tn PO L Tn OC Po l ar it y C ont ro l Ou tp ut C ont ro l TP n_ 0 TC Kn 11 1 00 0 00 1 01 0 01 1 10 0 10 1 11 0 f SYS /4 f SYS f H /1 6 f H /6 4 f TB C f H 0 1 0 1 Tn CA PT S TP n_ 1 TP n_ 1 Periodic Type TM Block Diagram (n=1) – HT45F4MA |