| データシートサーチシステム |
|
HT45F4MA データシート(PDF) 34 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F4MA データシート(HTML) 34 Page - Holtek Semiconductor Inc |
|
34 / 145 page ![]() Rev. 1.20 3� De�e��e� 1�� 201� Rev. 1.20 35 De�e��e� 1�� 201� HT45F4MA/HT45FH4MA/HT45FH4MA-1 Power Bank Flash MCU HT45F4MA/HT45FH4MA/HT45FH4MA-1 Power Bank Flash MCU Programming Considerations CaremustbetakenthatdataisnotinadvertentlywrittentotheEEPROM.Protectioncanbe enhancedbyensuringthattheWriteEnablebitisnormallyclearedtozerowhennotwriting.Also theBankPointercouldbenormallyclearedtozeroasthiswouldinhibitaccesstoBank1where theEEPROMcontrolregisterexist.Althoughcertainlynotnecessary,considerationmightbegiven intheapplicationprogramtothecheckingofthevalidityofnewwritedatabyasimplereadback process.WhenwritingdatatheWRbitmustbesethighimmediatelyaftertheWRENbithasbeen sethigh,toensurethewritecycleexecutescorrectly.TheglobalinterruptbitEMIshouldalsobe clearedbeforeawritecycleisexecutedandthenre-enabledafterthewritecyclestarts.Notethat thedeviceshouldnotentertheIDLEorSLEEPmodeuntiltheEEPROMreadorwriteoperationis totallycomplete.Otherwise,theEEPROMreadorwriteoperationwillfail. Programming Examples Reading data from the EEPROM - polling method MOV A, EEPROM_ADRES ; user defined address MOV EEA, A MOV A, 040H ; setup memory pointer MP1 MOV MP1, A ; MP1 points to EEC register MOV A, 01H ; setup Bank Pointer MOV BP, A SET IAR1.1 ; set RDEN bit, enable read operations SET IAR1.0 ; start Read Cycle - set RD bit BACK: SZ IAR1.0 ; check for read cycle end JMP BACK CLR IAR1 ; disable EEPROM read/write CLR BP MOV A, EED ; move read data to register MOV READ_DATA, A Writing Data to the EEPROM - polling method CLR EMI MOV A, EEPROM_ADRES ; user defined address MOV EEA, A MOV A, EEPROM_DATA ; user defined data MOV EED, A MOV A, 040H ; setup memory pointer MP1 MOV MP1, A ; MP1 points to EEC register MOV A, 01H ; setup Bank Pointer MOV BP, A SET IAR1.3 ; set WREN bit, enable write operations SET IAR1.2 ; start Write Cycle - set WR bit SET EMI BACK: SZ IAR1.2 ; check for write cycle end JMP BACK CLR IAR1 ; disable EEPROM read/write CLR BP |