データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT7M2156 データシート(PDF) 5 Page - Holtek Semiconductor Inc

部品番号 HT7M2156
部品情報  PIR Detector Miniaturized Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTEK [Holtek Semiconductor Inc]
ホームページ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7M2156 データシート(HTML) 5 Page - Holtek Semiconductor Inc

  HT7M2156 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7M2156 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7M2156 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7M2156 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7M2156 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7M2156 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7M2156 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7M2156 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7M2156 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Rev. 1.20
5
June 17, 2016
HT7M2126/27/36/56/76
affect devices reliability.
Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
—
—
2.7
3.3
5.5
V
IDD1
Operating Current
3.3V Moving objects to be detected
—
1.2
2.0
mA
IDD2
Operating Current
3.3V Standby with detection mode,
the ACC wake-up time is 4ms.
—
30
50
μA
TPIR
PIR Stabilization Time
3.3V
—
—
12
—
s
VIL
Input Low Voltage (I/O)
—
—
0
—
0.2VDD
V
VIH
Input High Voltage (I/O)
—
—
0.8VDD
—
VDD
V
IOL
I/O Port Sink Current
3.3V
VOL=0.1VDD
6
12
—
mA
5V
10
25
—
IOH
I/O Port Source Current
3.3V
VOH=0.9VDD
-2
-4
—
mA
5V
-5
-8
—
RPH
Pull-high Resistance (FTS)
—
—
-5%
680
+5%
kΩ
VLVD
Low Voltage Detector Voltage
—
LVDEN = 1, VLVD = 2.0V
-5%
2.0
+5%
V
LVDEN = 1, VLVD = 2.2V
2.2
LVDEN = 1, VLVD = 2.4V
2.4
LVDEN = 1, VLVD = 2.7V
2.7
LVDEN = 1, VLVD = 3.0V
3.0
LVDEN = 1, VLVD = 3.3V
3.3
LVDEN = 1, VLVD = 3.6V
3.6
LVDEN = 1, VLVD = 4.0V
4.0
A.C. Characteristics – I2C Interface
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
fSCL
Clock Frequency
—
—
—
—
400
kHz
tBUF
Bus Free Time
—
Time in which the bus must be free
before a new transmission can start
1.3
—
—
μs
tHD: STA
Start Condition Hold Time
—
After this period, the first clock
pulse is generated
0.6
—
—
μs
tLOW
SCL Low Time
—
—
1.3
—
—
μs
tHIGH
SCL High Time
—
—
0.6
—
—
μs
tSU: STA
Start Condition Setup Time
—
Time only relevant for repeated
START condition
0.6
—
—
μs
tHD: DAT
Data Hold Time
—
—
0
—
—
ns
tSU: DAT
Data Setup Time
—
—
100
—
—
ns
tR
SDA and SCL Rise Time
—
Note
—
—
0.3
μs
tF
SDA and SCL Fall Time
—
Note
—
—
0.3
μs
tSU: STO
Stop Condition Set-up time
—
—
0.6
—
—
μs
tAA
Output Valid from Clock
—
—
—
—
0.9
μs
tSP
Input Filter Time Constant
(SDA and SCL Pins)
—
Noise suppression time
—
—
50
ns
Note: These parameters are periodically sampled but not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25