| データシートサーチシステム |
|
HT7M2156 データシート(PDF) 4 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT7M2156 データシート(HTML) 4 Page - Holtek Semiconductor Inc |
|
4 / 25 page ![]() Rev. 1.20 4 June 17, 2016 HT7M2126/27/36/56/76 Light Sensing Ifthereisanexternalcomponentsuchasaphototransistor,microsolarcellorCDSdeviceconnectedtotheFTS pin,thePIRmoduleoutputfunctionwillbeenabledwhenthevoltageontheFTSpinisgreaterthan0.24×VDD. Otherwise, the PIR module output function will be enabled in default. Apull-highresistorwithavalueof680kΩisinternallyconnectedtotheFTSpininthePIRmodule.Ifthevoltage ontheFTSpinisgreaterthan0.24×VDD as the internal pull�high resistor and external component are all taken into account, the PIR module output function will be enabled. The voltage threshold to enable the PIR module output functionisfixedas0.24×VDD in the Stand�alone mode. If the device is in the Network mode, the voltage threshold canbeadjustedbyconfiguringtheLUMI[6:0]fieldintheHT7M21xxdeviceusingtheI2C interface. Detection Range WithregardtotheHT7M2126,thehorizontalviewangleis121°,thePitchAngleis77°andthedetectiondistance has about 3.5~6 meters of visual range, as shown below. Horizontal TOP VIEW Vertical SIDE VIEW HT7M21xx: Lenses FOV (Field of View) In addition to the HT7M2126, the HT7M21xx series include the HT7M2136, the HT7M2156 and the HT7M2176, etc.Differentmoduleswillsupportdifferentdetectiondistances(farorclose)aswellasdifferenthorizontaland vertical viewing angles (narrow or wide). Part Number Viewing Angle H/V Center Distance Lens Color HT7M2126 121° 77° 3.5 ~ 6 meters Nature HT7M2127 121° 77° 2.8 ~ 5 meters Black HT7M2136 91° 10° 5.5 ~ 8 meters Nature HT7M2156 10° 20° 8 ~ 12 meters Nature HT7M2176 86° 75° 5 ~ 7.5 meters Nature Absolute Maximum Ratings Supply Voltage ..........................................................................................................................VSS�0.3V to VSS+6.0V Input Voltage............................................................................................................................VSS�0.3V to VDD+0.3V Storage Temperature ..............................................................................................................................-40˚C to80˚C Operating Temperature ..........................................................................................................................-10˚Cto60˚C IOL Total............................................................................................................................................................ 150mA IOH Total........................................................................................................................................................... �100mA Total Power Dissipation.................................................................................................................................. 500mW Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder“AbsoluteMaximumRatings” maycausesubstantialdamagetothesedevices.Functionaloperationofthesedevicesatotherconditions beyondthoselistedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmay |