データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT7L4815 データシート(PDF) 5 Page - Holtek Semiconductor Inc

部品番号 HT7L4815
部品情報  Non-isolation Buck LED Lighting Driver with Active PFC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTEK [Holtek Semiconductor Inc]
ホームページ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4815 データシート(HTML) 5 Page - Holtek Semiconductor Inc

  HT7L4815 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7L4815 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7L4815 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7L4815 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7L4815 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7L4815 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7L4815 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7L4815 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7L4815 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Rev. 1.00
5
June 26, 2015
HT7L4815
Figure 9. Efficiency vs. High AC Voltage
Typical Application Circuit
CS
5
2
3
6
HT7L4815
4
1
7
8
CS
ZCD
VSS
COMP
VCC
DRAIN
DRAIN
90Vac~265Vac
LED+
LED-
Functional Description
TheHT7L4815isauniversalAC/DCLEDdriver
designedforLEDlightingapplications.Thedevice
can achieve high Power Factor values without
resortingtoadditionalcircuitsandcanalsogenerate
highaccuracyLEDdrivecurrentswithveryfew
externalcomponents.Separategroundsareprovided.
Oneisafloatinggroundforthedevicewhiletheother
istheearthterminal.Usersshouldbeawarethatthe
twogroundscannotbedirectlyconnectedtogetherto
avoidICdamageandsystemmalfunction.
Start-up Current
Averylowstart-upcurrent,ISTART,allowstheusersto
selectalargervalueofstart-upresistorwhichreduces
powerdissipation.
VCC Under Voltage Lockout – UVLO
ThedeviceincludesaUVLOfeaturewhichhas8V
hysteresis.ThePWMcontrollerturnsonwhenVCC
ishigherthan18VandturnsoffwhenVCCislower
than10V.Thehysteresischaracteristicsguarantee
thatthedevicecanbepoweredbyaninputcapacitor
duringstart-up.Whentheoutputvoltageincreasestoa
certainvalueafterstart-up,VCCwillbechargedbyan
outputthroughanauxiliarywindingoraZenerDiode.
VZ=VLED-VCC.
Boundary Conduction Mode – BCM
ThepowerMOSFETisturnedonbyinductorcurrent
zero-crossingdetection.Thecurrentzero-crossing
canbedetectedbyaZCDvoltage.Whentheinductor
currentisatthezerocrossingpoint,thevoltageonthe
ZCDpinwilldroprapidly.Thedevicethendetects
thefallingedgeandturnsontheinternalpower
MOSFET.Theboundaryconductionmodeprovides
forlowturn-onswitchinglossesandhighconversion
efficiency.
Zero Current Detection – ZCD
TheZCDvoltageisdesignedtooperatebetween0V
and3Vfornormaloperation.Ifthevoltageonthe
ZCDpingoeshigherthan1.5V,theZCDcomparator
waitsuntilthevoltagegoesbelow1V.Whenthe
inductorcurrentisatthezerocrossingpoint,the
voltageontheZCDpinwilldroprapidly.Thedevice
willthendetectthe1Vfallingedgeandturnonthe
PowerMOSFET.The0.5Vhysteresisavoidsanyfalse
triggeringactionsduetonoise.



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com