| データシートサーチシステム |
|
VIPER15 データシート(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER15 データシート(HTML) 27 Page - STMicroelectronics |
|
27 / 40 page ![]() VIPER15 Operation description Doc ID 15455 Rev 5 27/40 Equation 6 Where: ● VOVP is the OVP threshold (see Table 8 on page 8) ● VOUT OVP is the converter output voltage value to activate the OVP (set by designer) designer ● NAUX is the auxiliary winding turns ● NSEC is the secondary winding turns ● VDSEC is the secondary diode forward voltage ● VDAUX is the auxiliary diode forward voltage ● ROVP together RLIM make the output voltage divider Than, fixed RLIM, according to the desired IDlim, the ROVP can be calculating by: Equation 7 The resistor values will be such that the current sourced and sunk by the ZCD pin be within the rated capability of the internal clamp. Figure 33. OVP timing diagram k OVP R LIM R LIM R OVP + ---------------------------------- = R OVP R LIM 1k OVP – k OVP ----------------------- × = t VAUX VOVP t t t STROBE t COUNTER RESET t COUNTER STATUS t 0 ZCD 2 µs 0.5 µs OVP FAULT 0 0 0 0 →1 1 →2 2 →0 0 →1 1 →2 2 →3 3 →4 0 E R U L I A F P O O L K C A B D E E F E C N A B R U T S I D Y R A R O P M E T N O I T A R E P O L A M R O N t t t t STROBE t COUNTER RESET t COUNTER STATUS t 0 2 µs 0.5 µs OVP FAULT 0 0 0 0 →1 1 →2 2 →0 0 →1 1 →2 2 →3 3 →4 0 E R U L I A F P O O L K C A B D E E F E C N A B R U T S I D Y R A R O P M E T N O I T A R E P O L A M R O N t Obsolete Product(s) - Obsolete Product(s) |