データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VIPER15 データシート(PDF) 37 Page - STMicroelectronics

部品番号 VIPER15
部品情報  Off-line high voltage converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER15 データシート(HTML) 37 Page - STMicroelectronics

Back Button VIPER15 Datasheet HTML 32Page - STMicroelectronics VIPER15 Datasheet HTML 33Page - STMicroelectronics VIPER15 Datasheet HTML 34Page - STMicroelectronics VIPER15 Datasheet HTML 35Page - STMicroelectronics VIPER15 Datasheet HTML 36Page - STMicroelectronics VIPER15 Datasheet HTML 37Page - STMicroelectronics VIPER15 Datasheet HTML 38Page - STMicroelectronics VIPER15 Datasheet HTML 39Page - STMicroelectronics VIPER15 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
VIPER15
Package mechanical data
Doc ID 15455 Rev 5
37/40
Table 11.
SO16 narrow mechanical data
Dim.
Databook (mm.)
Min.
Typ.
Max.
A
1.75
A1
0.1
0.25
A2
1.25
b
0.31
0.51
c
0.17
0.25
D
9.8
9.9
10
E
5.8
6
6.2
E1
3.8
3.9
4
e
1.27
h
0.25
0.5
L
0.4
1.27
k
0
8
ccc
0.1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40