| データシートサーチシステム |
|
HT82M9BA データシート(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT82M9BA データシート(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 44 page ![]() Block Diagram Pin Assignment HT82M9BE/HT82M9BA Rev. 1.80 2 December 22, 2008 O S C 2 O S C 1 R E S V D D M U X V S S P r o g r a m R O M P r o g r a m C o u n t e r I n t e r r u p t C i r c u i t S T A C K I N T C D a t a M e m o r y I n s t r u c t i o n R e g i s t e r M U X I n s t r u c t i o n D e c o d e r S T A T U S A L U S h i f t e r T i m i n g G e n e r a t o r A C C M P U S B 1 . 1 P S 2 B P U S B D + / C L K U S B D - / D A T A V 3 3 O S Y S C L K / 4 W D T S W D T W D T O S C W D T P r e s c a l e r M U X E N / D I S P B C P o r t B P B P A C P o r t A P A P o r t C P C C P A 0 ~ P A 5 P A 6 / T M R 0 P A 7 / T M R 1 P B 0 ~ P B 7 P C 0 ~ P C 3 P A 7 / T M R 1 f S Y S / 4 T M R 1 C T M R 1 M U X P C T M R 0 C T M R 0 M U X f S Y S / 4 P A 6 / T M R 0 P A 6 P A 7 H T 8 2 M 9 B E / H T 8 2 M 9 B A 2 4 S S O P - A P B 5 P B 6 V S S V 3 3 O U S B D + / C L K U S B D - / D A T A R E S P A 0 P A 1 P B 2 P B 3 P B 4 P B 1 P B 0 O S C I O S C O V D D P A 7 P A 6 P A 5 P A 4 P A 3 P A 2 P B 7 2 4 2 3 2 2 2 1 2 0 1 9 1 8 1 7 1 6 1 5 1 4 1 3 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 H T 8 2 M 9 B E / H T 8 2 M 9 B A 2 8 S S O P - A P C 2 P C 3 P B 5 P B 6 V S S V 3 3 O U S B D + / C L K U S B D - / D A T A R E S P A 0 P A 1 P B 2 P B 3 P B 4 P C 1 P C 0 P B 1 P B 0 O S C I O S C O V D D P A 7 P A 6 P A 5 P A 4 P A 3 P A 2 P B 7 2 8 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 1 9 1 8 1 7 1 6 1 5 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 3 2 V S S V 3 3 O U S B D + / C L K U S B D - / D A T A N C R E S P A 0 N C O S C I O S C O V D D N C P A 7 P A 6 P A 5 P A 4 H T 8 2 M 9 B E H T 8 2 M 9 B A 3 2 Q F N - A |